spec no: dsac0105 rev no: v.11 date: feb/09/2011 page: 1 of 6 approved: wynec checked: joe lee drawn: d.m.su e rp: 1301000503 13.2mm(0.52inch) single digit numeric display part number: sa52-11gwa green features z 0.52 inch digit height. z excellent character appearance. z easy mounting on p.c. boards or sockets. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsac0105 rev no: v.11 date: feb/09/2011 page: 2 of 6 approved: wynec checked: joe lee drawn: d.m.su e rp: 1301000503 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. sa52-11gwa green (gap) white diffused 5600 10500 common anode,rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsac0105 rev no: v.11 date: feb/09/2011 page: 3 of 6 approved: wynec checked: joe lee drawn: d.m.su e rp: 1301000503 green sa52-11gwa
spec no: dsac0105 rev no: v.11 date: feb/09/2011 page: 4 of 6 approved: wynec checked: joe lee drawn: d.m.su e rp: 1301000503 packing & label specifications sa52-11gwa
spec no: dsac0105 rev no: v.11 date: feb/09/2011 page: 5 of 6 approved: wynec checked: joe lee drawn: d.m.su e rp: 1301000503
spec no: dsac0105 rev no: v.11 date: feb/09/2011 page: 6 of 6 approved: wynec checked: joe lee drawn: d.m.su e rp: 1301000503
|